Part Number Hot Search : 
CP100 NJM7812 ET1820 DM0765 M68000UM 87760 MAX4561 SG117G
Product Description
Full Text Search
 

To Download IRGR2B60KDPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? IRGR2B60KDPBF 1 www.irf.com ? 2012 international rectifier january 8, 2013 g c e gate collector emitter base part number package type standard pack orderable part number form quantity IRGR2B60KDPBF d-pak tube 75 IRGR2B60KDPBF tape and reel 2000 irgr2b60kdtrpbf tape and reel left 3000 irgr2b60kdtrlpbf tape and reel right 3000 irgr2b60kdtrrpbf v ces = 600v i c = 3.7a, t c = 100c t j(max) = 150c v ce(on) typ. = 1.95v e g n-channel c ? ? insulated gate bipolar transistor with ultra-fast soft recovery diode features ?? low v ce (on) non punch through igbt technology ?? low diode v f ?? 10s short circuit capability ?? square rbsoa ?? ultra-soft diode reverse recovery characteristics ?? positive v ce (on) temperature co-efficient ?? lead-free absolute maximum ratings ?? parameter max. units v ces collector-to-emitter voltage 600 v i c @ t c = 25c continuous collector current 6.3 i c @ t c = 100c continuous collector current 3.7 i cm pulse collector current, v ge = 15v ?? 8.0 i lm clamped inductive load current, v ge = 20v ? 8.0 a i f @ t c = 25c diode continuous forward current 6.3 i f @ t c = 100c diode continuous forward current 3.7 i fm diode maximum forward current ? 8.0 v ge continuous gate-to-emitter voltage 20 v p d @ t c = 25c maximum power dissipation 35 w p d @ t c = 100c maximum power dissipation 14 t j operating junction and -55 to +150 t stg storage temperature range c soldering temperature, for 10 sec. 300 (0.063 in.(1.6mm) from case) ? d-pak g e c thermal resistance ?? ? parameter min. typ. max. units r jc (igbt) junction-to-case (igbt) ? ??? ??? 3.56 r jc (diode) junction-to-case (diode) ? ??? ??? 7.70 c/w r ja junction-to-ambient (pcb mount) ? ??? ??? 50 benefits ?? benchmark efficiency for motor control ?? rugged transient performance for increased reliability ?? excellent current sharing in parallel operation ?? low emi
? IRGR2B60KDPBF 2 www.irf.com ? 2012 international rectifier january 8, 2013 electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units conditions v (br)ces collector-to-emitter breakdown voltage 600 ? ? v v ge = 0v, i c = 500a ? ? v (br)ces / ? t j temperature coeff. of breakdown voltage ? 0.49 ? v/c v ge = 0v, i c = 1ma (25c-150c) v ce(on) collector-to-emitter saturation voltage ? 1.95 2.25 v i c = 2.0a, v ge = 15v, t j = 25c ? 2.28 ? ? i c = 2.0a, v ge = 15v, t j = 150c v ge(th) gate threshold voltage 4.0 ? 6.0 v v ce = v ge , i c = 250a gfe forward transconductance ? 1.2 ? s v ce = 50v, i c = 2.0a, pw = 20s i ces collector-to-emitter leakage current ? 0.5 25 a v ge = 0v, v ce = 600v ?? ? 23 ? v ge = 0v, v ce = 600v, t j = 150c v fm diode forward voltage drop ? 1.3 1.6 v i f = 2.0a ? 1.1 ? i f = 2.0a, t j = 150c i ges gate-to-emitter leakage current ? ? 100 na v ge = 20v switching characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units conditions q g total gate charge (turn-on) ? 8.0 12 i c = 2.0a q ge gate-to-emitter charge (turn-on) ? 1.3 2.0 nc ? v ge = 15v q gc gate-to-collector charge (turn-on) ? 4.0 6.0 ? v cc = 400v e on turn-on switching loss ? 74 160 e off turn-off switching loss ? 39 120 j i c = 2.0a, v cc = 400v, v ge = 15v e tot total switching loss ? 113 280 ? r g = 100 ? , l = 7.1mh, t j = 25c t d(on) turn-on delay time ? 11 30 ? energy losses include tail & diode ? t r rise time ? 8.7 25 ns ? reverse recovery t d(off) turn-off delay time ? 150 170 ? t f fall time ? 56 75 ? e on turn-on switching loss ? 120 ? e off turn-off switching loss ? 68 ? j i c = 2.0a, v cc =400v, v ge =15v e tot total switching loss ? 188 ? ? r g = 100 ? , l = 7.1mh, t j = 150c t d(on) turn-on delay time ? 13 ? ? energy losses include tail & diode ? t r rise time ? 6.8 ? ns ? reverse recovery t d(off) turn-off delay time ? 170 ? ? t f fall time ? 110 ? ? c ies input capacitance ? 110 ? v ge = 0v c oes output capacitance ? 17 ? pf v cc = 30v c res reverse transfer capacitance ? 4.0 ? f = 1.0mhz t j = 150c, i c = 8.0a rbsoa reverse bias safe operating area full square v cc = 480v, vp 600v rg = 100 ? , v ge = +20v to 0v scsoa short circuit safe operating area 10 ? ? s t j = 150c, vp 600v, rg=330 ? v cc = 360v, v ge = +15v to 0v erec reverse recovery energy of the diode ? 19 30 j t j = 150c trr diode reverse recovery time ? 45 68 ns v cc = 400v, i f = 2.0a, l = 7.1mh irr diode peak reverse recovery current ? 5.8 8.7 a v ge = 15v, rg = 100 ? notes: ? v cc = 80% (v ces ), v ge = 20v, l = 200h, r g = 100 ? . ? pulse width limited by max. junction temperature. ? refer to an-1086 for guidelines for measuring v (br)ces safely. ? r ? is measured at t j of approximately 90c. ? fbsoa operating conditions only. ? when mounted on 1? square pcb (fr-4 or g-10 material). for recommended footprint and soldering techniques refer to application note #an-994.
? IRGR2B60KDPBF 3 www.irf.com ? 2012 international rectifier january 8, 2013 25 50 75 100 125 150 t c (c) 0 1 2 3 4 5 6 7 i c ( a ) 1 10 100 1000 v ce (v) 0.01 0.1 1 10 i c ( a ) 10sec 100sec tc = 25c tj = 150c single pulse dc 1msec fig. 2 - maximum dc collector current vs. case temperature fig. 5 - reverse bias soa t j = 150c; v ge = 20v 25 50 75 100 125 150 t c (c) 0 5 10 15 20 25 30 35 p t o t ( w ) 10 100 1000 v ce (v) 1 10 i c ( a ) fig. 3 - power dissipation vs. case temperature fig. 4 - forward soa t c = 25c; t j 150c; v ge = 15v 0.1 1 10 100 f , frequency ( khz ) 1 2 3 4 5 6 l o a d c u r r e n t ( a ) for both: duty cycle : 50% tj = 150c tcase = 100c gate drive as specified power dissipation = 14w fig. 1 - typical load current vs. frequency (load current = i rms of fundamental) i square wave: v cc diode as specified
? IRGR2B60KDPBF 4 www.irf.com ? 2012 international rectifier january 8, 2013 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 v f (v) 0 2 4 6 8 10 i f ( a ) -40c 25c 150c fig. 7 - typ. igbt output characteristics t j = 25c; tp = 20s 0 2 4 6 8 10 v ce (v) 0 2 4 6 8 10 i c e ( a ) v ge = 18v vge = 15v vge = 12v vge = 10v vge = 8.0v 0 2 4 6 8 10 v ce (v) 0 2 4 6 8 10 i c e ( a ) v ge = 18v vge = 15v vge = 12v vge = 10v vge = 8.0v fig. 6 - typ. igbt output characteristics t j = -40c; tp = 20s 5101520 v ge (v) 0 2 4 6 8 10 v c e ( v ) i ce = 1.0a i ce = 2.0a i ce = 4.0a fig. 9 - typ. diode forward voltage drop characteristics 5101520 v ge (v) 0 2 4 6 8 10 v c e ( v ) i ce = 1.0a i ce = 2.0a i ce = 4.0a fig. 8 - typ. igbt output characteristics t j = 150c; tp = 20s fig. 10 - typical v ce vs. v ge t j = -40c fig. 11 - typical v ce vs. v ge t j = 25c 0 2 4 6 8 10 v ce (v) 0 2 4 6 8 10 i c e ( a ) vge = 18v vge = 15v vge = 12v vge = 10v vge = 8.0v
? IRGR2B60KDPBF 5 www.irf.com ? 2012 international rectifier january 8, 2013 46810121416 v ge (v) 0 2 4 6 8 10 12 i c e ( a ) t j = 25c t j = 150c 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 i c (a) 1 10 100 1000 s w i c h i n g t i m e ( n s ) t r td off t f td on fig. 13 - typ. transfer characteristics v ce = 50v; tp = 20s 5101520 v ge (v) 0 2 4 6 8 10 v c e ( v ) i ce = 1.0a i ce = 2.0a i ce = 4.0a 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 i c (a) 0 50 100 150 200 250 e n e r g y ( j ) e off e on fig. 12 - typical v ce vs. v ge t j = 150c fig. 15 - typ. switching time vs. i c t j = 150c; l = 7.1mh; v ce = 400v, r g = 100 ? ; v ge = 15v fig. 16 - typ. energy loss vs. r g t j = 150c; l = 7.1mh; v ce = 400v, i ce = 2.0a; v ge = 15v fig. 14 - typ. energy loss vs. i c t j = 150c; l = 7.1mh; v ce = 400v, r g = 100 ? ; v ge = 15v 0 100 200 300 400 500 r g ( ? ) 1 10 100 1000 s w i c h i n g t i m e ( n s ) t r td off t f td on fig. 17 - typ. switching time vs. r g t j = 150c; l = 7.1mh; v ce = 400v, i ce = 2.0a; v ge = 15v 0 100 200 300 400 500 r g ( ? ) 60 80 100 120 140 160 180 200 220 e n e r g y ( j ) e off e on
? IRGR2B60KDPBF 6 www.irf.com ? 2012 international rectifier january 8, 2013 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 i f (a) 5 10 15 20 25 30 35 e n e r g y ( j ) r g = 200 ? r g = 330 ? r g = 100 ? r g = 470 ? fig. 22 - typ. diode e rr vs. i f t j = 150c 0 100 200 300 400 500 v ce (v) 1 10 100 1000 c a p a c i t a n c e ( p f ) cies coes cres fig. 23 - typ. capacitance vs. v ce v ge = 0v; f = 1mhz 40 80 120 160 200 240 di f /dt (a/s) 2.0 3.0 4.0 5.0 6.0 i r r ( a ) fig. 20 - typical diode i rr vs. di f /dt v cc = 400v; v ge = 15v; i f = 2.0a; t j = 150c 50 100 150 200 250 300 di f /dt (a/s) 50 100 150 200 250 300 350 q r r ( n c ) 200 ? 330 ? 470 ? 100 ? 1.0a 2.0a 4.0a fig. 21 - typical diode q rr v cc = 400v; v ge = 15v; t j = 150c 0.0 1.0 2.0 3.0 4.0 5.0 i f (a) 2.0 3.0 4.0 5.0 6.0 7.0 i r r ( a ) r g = 330 ? r g = 200 ? r g = 470 ? r g = 100 ? fig. 18 - typical diode i rr vs. i f t j = 150c 100 150 200 250 300 350 400 450 500 r g ( ?? 2.0 3.0 4.0 5.0 6.0 i r r ( a ) fig. 19 - typical diode i rr vs. r g t j = 150c; i f = 2.0a
? IRGR2B60KDPBF 7 www.irf.com ? 2012 international rectifier january 8, 2013 1e-006 1e-005 0.0001 0.001 0.01 0.1 t 1 , rectangular pulse duration (sec) 0.01 0.1 1 10 t h e r m a l r e s p o n s e ( z t h j c ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc fig. 24 - maximum transient thermal impedance, junction-to-case (igbt) 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 t 1 , rectangular pulse duration (sec) 0.01 0.1 1 10 t h e r m a l r e s p o n s e ( z t h j c ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc fig. 25 - maximum transient thermal impedance, junction-to-case (diode) 012345678 q g , total gate charge (nc) 0 2 4 6 8 10 12 14 16 v g e , g a t e - t o - e m i t t e r v o l t a g e ( v ) v ces = 400v v ces = 300v fig. 23 - typical gate charge vs. v ge i ce = 2.0a ri (c/w) ? i (sec) ? 0.073623 0.000004 1.265403 0.000072 1.345162 0.000715 0.877346 0.005046 ? j ? j ? 1 ? 1 ? 2 ? 2 ? 3 ? 3 r 1 r 1 r 2 r 2 r 3 r 3 ci= ? i ? ri ci= ? i ? ri ? c ? c ? 4 ? 4 r 4 r 4 ri (c/w) ? i (sec) ? 0.510125 0.000051 2.282292 0.000119 3.175748 0.001799 1.735309 0.014349 ? j ? j ? 1 ? 1 ? 2 ? 2 ? 3 ? 3 r 1 r 1 r 2 r 2 r 3 r 3 ci= ? i ? ri ci= ? i ? ri ? c ? c ? 4 ? 4 r 4 r 4
? IRGR2B60KDPBF 8 www.irf.com ? 2012 international rectifier january 8, 2013 0 1k vcc dut l l rg 80 v dut vcc + - fig.c.t.1 - gate charge circuit (turn-off) fig.c.t.2 - rbsoa circuit fig.c.t.4 - switching loss circuit fig.c.t.3 - s.c. soa circuit fig. c.t.5 - resistive load circuit dc 4x dut vcc r sh l rg vcc dut / driver diode clamp / dut -5v rg vcc dut r = vcc icm
? IRGR2B60KDPBF 9 www.irf.com ? 2012 international rectifier january 8, 2013 fig. wf1 - typ. turn-off loss waveform @ t j = 150c using fig. ct.4 fig. wf2 - typ. turn-on loss waveform @ t j = 150c using fig. ct.4 fig. wf3 - typ. diode recovery waveform @ t j = 150c using fig. ct.4 fig. wf4 - typ. s.c. waveform @ t j = 150c using fig. ct.3 -2 0 2 4 6 8 10 -100 0 100 200 300 400 500 -1.5 -0.5 0.5 1.5 2.5 i ce (a) v ce (v) time(s) 90% i ce 5% v ce 5% i ce eoff loss tf -2 0 2 4 6 8 10 -100 0 100 200 300 400 500 -0.3 -0.1 0.1 0.3 0.5 i ce (a) v ce (v) time (s) test current 90% i ce 5% v ce 10% i ce tr eon loss -7 -6 -5 -4 -3 -2 -1 0 1 2 3 -0.10 0.00 0.10 0.20 i f (a) time (s) peak i rr t rr q rr 10% peak irr -10 0 10 20 30 40 50 -100 0 100 200 300 400 500 -5 0 5 10 15 ice (a) vce (v) time (s) v ce i ce
? IRGR2B60KDPBF 10 www.irf.com ? 2012 international rectifier january 8, 2013 d-pak (to-252aa) package outline dimensions are shown in millimeters (inches) d-pak (to-252aa) part marking information note: for the most current drawing please refer to ir website at http://www.irf.com/package/
? IRGR2B60KDPBF 11 www.irf.com ? 2012 international rectifier january 8, 2013 d-pak (to-252aa) tape and reel information dimensions are shown in millimeters (inches) note: for the most current drawing please refer to ir website at http://www.irf.com/package/ tr 16.3 ( .641 ) 15.7 ( .619 ) 8.1 ( .318 ) 7.9 ( .312 ) 12.1 ( .476 ) 11.9 ( .469 ) feed direction feed direction 16.3 ( .641 ) 15.7 ( .619 ) trr trl notes : 1. controlling dimension : millimeter. 2. all dimensions are shown in millimeters ( inches ). 3. outline conforms to eia-481 & eia-541. notes : 1. outline conforms to eia-481. 16 mm 13 inch
? IRGR2B60KDPBF 12 www.irf.com ? 2012 international rectifier january 8, 2013 ir world headquarters: 101 n. sepulveda blvd., el segundo, california 90245, usa to contact international rectifier, please visit http://www.irf.com/whoto-call/ qualification information ? qualification level industrial ? moisture sensitivity level d-pak msl1 rohs compliant yes ? qualification standards can be found at international rectifier?s web site: http://www.irf.com/product-info/reliability/ ?? applicable version of jedec standar d at the time of product release.


▲Up To Search▲   

 
Price & Availability of IRGR2B60KDPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X